Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML9489 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
FEDL9489-02
ML9489
9/32
POWER ON/OFF TIMING
To turn on the power supply, raise the logic power supply first, then LCD drive power supply in order to prevent
the IC from malfunctioning.
To fall the power supply, fall the LCD drive power supply first, then the logic power supply.
For a VDD pin ranging from 0 V to VDDmin, set VDD ≥ VLCD and t1 ≥ 0 [ns].
To enable the Internal POC circuit, the VDD power supply rise time t2 range needs to be 100 [µs]
t2 500 [ms].
For the VDD power supply to turn OFF then turn ON again, it is necessary to secure the POC discharge time t3
100 [ms].
INITIALIZATION SIGNAL TIMING
When RESETB signal is externally input
The RESETB pin input is valid both for POCEB = "L" and "H". Usable in combination with the POC.
Keep the RESETB pin at "L" level until the VDD reaches VDDmin. (t4 ≥ 200[ns])
When Internal POC circuit is used
When using the Internal POC circuit in the initialization, set the POCEB pin to "L".
Leave the RESETB pin open.
VDD
VLCD
Time
Voltage
t1
t1
0.9VDD
t2
VDD
t3
VDD
RESETB
VIL
t4
VDDmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32