| Moteur de recherche de fiches techniques de composants électroniques |
|
AS44261 Fiches technique(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AS44261 Fiches technique(HTML) 3 Page - International Rectifier |
|
3 / 21 page ![]() AUIRS44261S www.irf.com © 2010 International Rectifier 3 Description The AUIRS44261 is a low voltage, high speed power MOSFET and IGBT driver. Proprietary latch immune CMOS technologies enable ruggedized monolithic construction. The logic inputs thresholds are proportional to Vs supply voltage.. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays between two channels are matched. Diagram for push-pull forward DC-DC converter application FROM SWITCHING CONTROL CIRCUIT AUIRS44261 NC NC INB COM INA OUTB Vs OUTA TO LOAD |