| Moteur de recherche de fiches techniques de composants électroniques |
|
ML9475 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML9475 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 20 page ![]() FEDL9475-01 ML9475 13/20 List of Commands Command name C5 C4 C3 C2 C1 C0 Description F0 0 0 0 Disabled F0’ 0 0 0 1 Disabled 0 Display data input (corresponds to COM1) 0 1 Display data input (corresponds to COM2) 0 Display data input (corresponds to COM3) F1 0 0 1 0 1 1 Display data input (corresponds to COM4) F2 0 1 0 Disabled 0 Disabled 0 1 Disabled 0 Disabled F3 0 1 1 0 1 1 Disabled F3’ 0 1 1 1 Disabled F4 1 0 1 0 Display OFF F5 1 0 1 1 Display ON F6 1 1 0 Disabled F7 1 0 0 Disabled F8 1 1 1 Disabled : Don't care If a “Disabled” command is executed, no transfer is carried out from the shift register to the latch; however, data within the shift register will be rewritten. To transfer correct data to the latch, it is necessary to transfer data again using the F1 command. |