| Moteur de recherche de fiches techniques de composants électroniques |
|
U21 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
U21 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 16 page ![]() D D6 APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com COLOR CAP B494 PUSHBUTTON CAP A631 PUSHBUTTON CAP A632 CUSTOM MARKING ** - P1 fits all 800 Series except K1M & K1S. * - P2 fits all 300 & 400 Series. * - P3 fits all PB Series. * - Fits all 300 Series except 301 & 305. Fits 301 & 305 with S option. Fits all 400 & PB Series. ** - Fits 800 Series with options KM, KS, KM1 & K2M1. Fits all PB Series. Permanent ink marking is available for switch caps, bezels and rocker actuators. Consult factory with your special requirement. Representative samples available. Code Color Code Color 1 blue 2 black 3 green 4 gray 5 yellow 6 red 7 ivory 8 white 9 orange STANDARD COLOR CODE For nylon caps, actuators, bezels & bezel inserts. To specify, add selected color code to part number. Example: A2122 is a black A212 Cap.To specify for actuators, bezels and bezel inserts, see 'Order Format' section following specific series information in this catalog. SWITCH GUARDS Materials: 5056-H18 aluminum with clear or black anodize, or free machining brass withbright chrome plate. Dimensions in inches and (millimeters). Tolerances: A & D, ±.015" B & C, ±.005" MODEL TH'D. COLOR FINISH A B C D MG11A 10-48 NATURAL AL PLAIN MG11B 10-48 BLACK AL. PLAIN MG12A 1/4-40 NATURAL AL. PLAIN MG12B 1/4-40 BLACK AL. PLAIN .530 (13.5) .413 (10.5) .315 (8.0) .236 (6.0) MG12C 1/4-40 CHROMED BR. PLAIN MG12KA 1/4-40 NATURAL AL. KNURLED MG12KB 1/4-40 BLACK AL. KNURLED MG12KC 1/4-40 CHROMED BR. KNURLED MG13A 1/4-40 NATURAL AL. PLAIN MG13B 1/4-40 BLACK AL. PLAIN .730 (18.5) .610 (15.5) .315 (8.0) .236 (6.0) MG13C 1/4-40 CHROMED BR. PLAIN MISCELLANEOUS PUSHBUTTON ACCESSORIES & CAPS (CONT'D.) CAPS FOR PRINTED CIRCUIT BOARD PROCESSING Available on models with plain bushing. Supplied mounted on switches or separately. Provides additional protection during pcb processing. Series Material Part No. S Vinyl U3012 TP Vinyl U3502 Outline (.187 DIA) (.187 DIA) 4.76 DIA 4.76 DIA (.155 DIA) (.155 DIA) 3.96 DIA 3.96 DIA |