Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L1007C101MPWST Fiches technique(PDF) 29 Page - Kemet Corporation

No de pièce L1007C101MPWST
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007C101MPWST Fiches technique(HTML) 29 Page - Kemet Corporation

Back Button L1007C101MPWST Datasheet HTML 24Page - Kemet Corporation L1007C101MPWST Datasheet HTML 25Page - Kemet Corporation L1007C101MPWST Datasheet HTML 26Page - Kemet Corporation L1007C101MPWST Datasheet HTML 27Page - Kemet Corporation L1007C101MPWST Datasheet HTML 28Page - Kemet Corporation L1007C101MPWST Datasheet HTML 29Page - Kemet Corporation L1007C101MPWST Datasheet HTML 30Page - Kemet Corporation L1007C101MPWST Datasheet HTML 31Page - Kemet Corporation L1007C101MPWST Datasheet HTML 32Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
29
Ordering Code
Impedance
(
Ω
Ω) ±25%
Measuring Frequency
(MHz)
Maximum DC
Resistance (
Ω
Ω)
Maximum Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z0805C150ASMST
15
100
0.05
1200
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C220ASMST
22
100
0.05
1200
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C330ASMST
33
100
0.05
1200
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C470ASMST
47
100
0.05
1000
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C750ASMST
75
100
0.10
1000
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C101ASMST
100
100
0.10
900
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C121ASMST
120
100
0.15
800
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C241ASMST
240
100
0.20
600
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C431ASMST
430
100
0.25
500
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C601ASMST
600
100
0.30
500
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C102ASMST
1000
100
0.40
300
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C121BSMST
120
100
0.15
800
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C241BSMST
240
100
0.20
600
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C471BSMST
470
100
0.25
500
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C601BSMST
600
100
0.25
500
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C102BSMST
1000
100
0.35
400
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C560CSMST
56
100
0.20
600
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C121CSMST
120
100
0.30
400
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C241CSMST
240
100
0.35
300
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C751DSMST
750
100
0.30
400
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C152DSMST
1500
100
0.35
400
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C182DSMST
1800
100
0.45
300
1.25 ±0.2 (0.049 ±0.008)
2,000
Z0805C252DSMST
2500
100
0.75
200
1.25 ±0.2 (0.049 ±0.008)
2,000
Ordering Code
Impedance
(
Ω
Ω)+25%
Measuring Frequency
(MHz)
Maximum DC
Resistance (
Ω
Ω)
Maximum Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z0805C330APMST
33
100
0.020
4000
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C600APMST
60
100
0.025
3000
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C101APMST
100
100
0.040
2500
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C221APMST
220
100
0.050.
2000
0.85 ±0.2 (0.033 ±0.008)
4,000
0805 Multilayer Ferrite Chip Beads Standard Type (Z-SMS Series)
0805 Multilayer Ferrite Chip Beads For Power Lines (Z-PMS Series)
Multilayer Ferrite Chip Beads - Z-SMS, Z-PMS Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com