Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSC6 Fiches technique(PDF) 6 Page - C&K Components

No de pièce KSC6
Description  KSC Series Sealed Tact Switch for SMT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC6 Fiches technique(HTML) 6 Page - C&K Components

  KSC6 Datasheet HTML 1Page - C&K Components KSC6 Datasheet HTML 2Page - C&K Components KSC6 Datasheet HTML 3Page - C&K Components KSC6 Datasheet HTML 4Page - C&K Components KSC6 Datasheet HTML 5Page - C&K Components KSC6 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B–28
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
23 july 12
KSC Series
Sealed Tact Switch for SMT
TAPE & REEL
FOR KSC7 FOR J TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
FOR KSC8 FOR G TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
FOR KSC8 FOR J TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
Direction of feed
Direction of feed



Html Pages

1 2 3 4 5 6