Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU7233F Fiches technique(PDF) 11 Page - Rohm

No de pièce BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Fiches technique(HTML) 11 Page - Rohm

Back Button BU7233F Datasheet HTML 7Page - Rohm BU7233F Datasheet HTML 8Page - Rohm BU7233F Datasheet HTML 9Page - Rohm BU7233F Datasheet HTML 10Page - Rohm BU7233F Datasheet HTML 11Page - Rohm BU7233F Datasheet HTML 12Page - Rohm BU7233F Datasheet HTML 13Page - Rohm BU7233F Datasheet HTML 14Page - Rohm BU7233F Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
11/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Typical Performance Curves - continued
○BU7233F, BU7233SF
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7233F: -40
C to +85C BU7233SF: -40C to +105C
0
4
8
12
16
20
12
3
4
56
Supply Voltage [V]
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
0
4
8
12
16
20
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 21.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 22.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 23.
Supply Current vs Supply Voltage
Figure 24.
Supply Current vs Ambient Temperature
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
0.0
0.2
0.4
0.6
0.8
0
255075
100
125
Ambient Temperature [°C]
BU7233F
BU7233SF
85
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com