Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTCW33M8X51-R0 Fiches technique(PDF) 31 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTCW33M8X51-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCW33M8X51-R0 Fiches technique(HTML) 31 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCW33M8X51-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. CSTCW33M8X51-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
29
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
8
8 AppendixEquivalent Circuit Constants of CERALOCK®
(The equivalent circuit constants are not the guaranteed value but the standard value.)
Equivalent
Constant
Part Number
CSTLS4M00G53-B0
CSTLS6M00G53-B0
CSTLS8M00G53-B0
CSTLS10M0G53-B0
CSTLS16M0X55-B0
CSTLS20M0X53-B0
CSTLS24M0X53-B0
CSTLS27M0X51-B0
CSTLS32M0X51-B0
CSTLS33M8X51-B0
CSTLS36M0X51-B0
CSTLS40M0X51-B0
CSTLS50M0X51-B0
3784.4
5710.9
7604.7
9690.1
15972.9
19959.2
23955.8
27024.3
31918.4
33777.8
36033.6
39997.7
49946.3
4135.3
6199.5
8246.3
10399.1
16075.0
20070.8
24095.9
27172.8
32092.6
33969.7
36241.1
40240.1
50193.1
350.9
488.6
641.6
709.0
102.1
111.6
140.2
148.5
174.2
191.9
207.6
242.7
246.8
9.0
7.5
8.0
7.0
24.6
19.0
16.6
15.9
13.4
25.6
13.4
15.8
27.6
0.4611
0.2381
0.1251
0.0984
0.6572
0.4858
0.4205
0.3638
0.2481
0.2561
0.2260
0.2301
0.1856
3.8377
3.2635
3.5030
2.7448
0.1511
0.1309
0.1050
0.0953
0.1002
0.0867
0.0863
0.0688
0.0547
19.7730
18.2899
19.9175
18.0899
11.7835
11.6716
8.9440
8.6486
9.1542
7.6093
7.4700
5.6544
5.5234
1220
1135
775
947
2681
3203
3805
3877
3716
2120
3821
3651
2107
Fr (kHz)
Fa (kHz)
∆F (kHz)
R1 (Ω)L1 (mH)
C1 (pF)
C0 (pF)
Qm
(MHz band lead CERALOCK®)
(MHz band Chip CERALOCK®)
Equivalent
Constant
Part Number
CSTCC2M00G53-R0
CSTCR4M00G53-R0
CSTCR6M00G53-R0
CSTCE8M00G52-R0
CSTCE10M0G52-R0
CSTCE12M0G52-R0
CSTCE16M0V53-R0
CSTCE20M0V53-R0
CSTCW24M0X51-R0
CSTCW33M8X51-R0
CSTCW48M0X51-R0
1894.2
2092.8
198.6
16.1
1.8473
3.8235
17.3264
1375
3856.0
4098.6
242.6
16.0
0.8445
2.0176
15.5455
1304
5789.4
6152.4
363.0
11.9
0.3899
1.9396
14.9946
1207
7726.6
8177.4
450.8
7.5
0.2621
1.6201
13.4902
1715
9602.0
10172.0
570.0
7.2
0.1674
1.6477
13.4755
1401
11597.4
12285.0
687.6
5.8
0.1175
1.6023
13.1239
1483
15634.2
16574.4
940.2
10.4
0.1084
0.9563
7.7184
1039
19576.0
20761.0
1185.0
11.0
0.0791
0.8366
6.7052
932
23938.7
24090.8
152.1
24.1
0.4716
0.0938
7.3546
2953
33799.3
34003.7
204.4
24.8
0.3249
0.0683
5.6326
2789
47949.9
48227.0
277.1
23.0
0.1978
0.0557
4.8049
2609
Fr (kHz)
Fa (kHz)
∆F (kHz)
R1 (Ω)L1 (mH)
C1 (pF)
C0 (pF)
Qm
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32