Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D4148 Fiches technique(PDF) 2 Page - Compensated Deuices Incorporated

No de pièce D4148
Description  SWITCHING DIODE CHIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDI-DIODE [Compensated Deuices Incorporated]
Site Internet  
Logo CDI-DIODE - Compensated Deuices Incorporated

D4148 Fiches technique(HTML) 2 Page - Compensated Deuices Incorporated

  D4148 Datasheet HTML 1Page - Compensated Deuices Incorporated D4148 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CD4148, CD914, CD3600, CD4150,
CD4153 and CD4454
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
1.2
1.3
VF - Forward Voltage (V)
FIGURE 2
Typical Forward Current
vs Forward Voltage
1000
100
10
1
0.1
20
40
60
80
100 120 140
Percent of Reverse Working Voltage (%)
FIGURE 3
Typical Reverse Current
vs Reverse Voltage
1000
100
10
1
0.1
.01
.001
150ºC
100ºC
25ºC
-65ºC
NOTE :
All temperatures shown on graphs are
junction temperatures



Html Pages

1 2