Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

J5822 Fiches technique(PDF) 2 Page - Compensated Deuices Incorporated

No de pièce J5822
Description  3 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDI-DIODE [Compensated Deuices Incorporated]
Site Internet  
Logo CDI-DIODE - Compensated Deuices Incorporated

J5822 Fiches technique(HTML) 2 Page - Compensated Deuices Incorporated

  J5822 Datasheet HTML 1Page - Compensated Deuices Incorporated J5822 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+25
+50
+75
+100
+125
TJ , JUNCTION TEMPERATURE (°C)
FIGURE 1
TYPICAL FORWARD VOLTAGE
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VF, FORWARD VOLTAGE, INSTANTANEOUS (VOLTS)
FIGURE 2
100.0
10.0
1.0
0.1
0.01
10.0
1.0
0.1
0.01
0.001
TYPICAL REVERSE LEAKAGE CURRENT AT RATED PIV (PULSED)
1N5822 and DSB5820 thru DSB5822
and
DSB3A20 thru DSB3A40
DSB5821
DSB5822
DSB5820



Html Pages

1 2