Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLL6263 Fiches technique(PDF) 2 Page - Compensated Deuices Incorporated

No de pièce CDLL6263
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDI-DIODE [Compensated Deuices Incorporated]
Site Internet  
Logo CDI-DIODE - Compensated Deuices Incorporated

CDLL6263 Fiches technique(HTML) 2 Page - Compensated Deuices Incorporated

  CDLL6263 Datasheet HTML 1Page - Compensated Deuices Incorporated CDLL6263 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5711UR-1, 1N5712UR-1, 1N6857UR-1,
1N6858UR-1, CDLL5711, CDLL5712, CDLL2810,
CDLL6263, CDLL6857 and CDLL6858
0
.2
.4
.6
.8
1.0
1.2
VF – FORWARD VOLTAGE (V)
Figure 1.
I-V Curve Showing Typical
Forward Voltage Variation with
Temperature for the CDLL2810
and CDLL5712 Schottky Diodes.
0
.2
.4
.6
.8
1.0
1.2
VF – FORWARD VOLTAGE (V)
Figure 3.
I-V Curve Showing Typical
Forward Voltage Variation with
Temperature for Schottky Diode
CDLL5711.
0
5.0
10
15
20
25
30
VR – REVERSE VOLTAGE (V)
(PULSED)
Figure 2.
CDLL2810 and CDLL5712
Typical Variation of Reverse
Current (IR) vs. Reverse Voltage
(VR) at Various Temperatures.
0
10
2030
4050
60
VR – REVERSE VOLTAGE (V)
(PULSED)
Figure 4.
CDLL5711 Typical
Variation of Reverse Current (IR)
vs. Reverse Voltage (VR) at Various
Temperatures.
.1
1.0
10
100
IF – FORWARD CURRENT (mA)
(PULSED)
Figure 5.
Typical Dynamic
Resistance (RD) vs. Forward
Current (IF).
100
10
1.0
.1
.01
100,000
10,000
1000
1
10
1
50
10
5
1
.5
.1
.05
.01
1000
100
10
1
10,000
1000
100
10
1.0



Html Pages

1 2