Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

210XM Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers

No de pièce 210XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

210XM Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 210XM Datasheet HTML 25Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 26Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 27Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 28Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 29Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 30Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 31Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 32Page - List of Unclassifed Manufacturers 210XM Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 122 page
background image
E-ZZ-M
MICRO-HHOOK, IINSULATION-PPIERCING: XEP && XEPA
Actual SSize
Part Number
Description
XEP
Insulation-Piercing Connector
XEPA
Angled Insulation-Piercing Connector
Construction: A single stainless steel needle to .030” diameter pin
plug. Housing molded in nylon.
Color: Gray
Features:
Small compact size
“V” shape tip easily separates bundled wires
The insulation-piercing needle is raised and lowered in the “V”
groove by turning the thumb screw
Shrouded .030” diameter pin plug connects to any standard
.030” diameter socket
Quality construction of stainless steel and nylon allows for
hostile environments
Grooved “V” shape in front of needle centers varying diameter
wires from .050” and smaller
XEPA
XEP
Test lleads: Use with E-Z-Hook .030” patch cords pages 52-53 for lead options.
26
FOR BBOTH XXEP AAND XEPA M
MODELS
www.e-zz-hhooook.coom
m
XEP MODEL
XEP && XXEPA ddifferences
XEPA MODEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More