| Moteur de recherche de fiches techniques de composants électroniques |
|
AXM Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AXM Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 122 page ![]() E-ZZ-M MICRO-HHOOK, IINSULATION-PPIERCING: XEP && XEPA Actual SSize Part Number Description XEP Insulation-Piercing Connector XEPA Angled Insulation-Piercing Connector Construction: A single stainless steel needle to .030” diameter pin plug. Housing molded in nylon. Color: Gray Features: Small compact size “V” shape tip easily separates bundled wires The insulation-piercing needle is raised and lowered in the “V” groove by turning the thumb screw Shrouded .030” diameter pin plug connects to any standard .030” diameter socket Quality construction of stainless steel and nylon allows for hostile environments Grooved “V” shape in front of needle centers varying diameter wires from .050” and smaller XEPA XEP Test lleads: Use with E-Z-Hook .030” patch cords pages 52-53 for lead options. 26 FOR BBOTH XXEP AAND XEPA M MODELS www.e-zz-hhooook.coom m XEP MODEL XEP && XXEPA ddifferences XEPA MODEL |