| Moteur de recherche de fiches techniques de composants électroniques |
|
LC554XLF Fiches technique(PDF) 4 Page - Sanken electric |
|
|
|||||||||||||||||||||||||||||
LC554XLF Fiches technique(HTML) 4 Page - Sanken electric |
|
4 / 13 page ![]() Electrical Characteristics of MOSFET Unless specifically noted, TA is 25°C Characteristic Symbol Test Conditions Pins Min. Typ. Max. Unit Drain-to-Source Breakdown Voltage VDSS LC5546LF LC5547LF 1 – 2 650 ―― V LC5549LF 800 ―― V Drain Leakage Current IDSS 1 – 2 ―― 300 μA On-Resistance RDS(ON) LC5546LF 1 – 2 ―― 1.9 Ω LC5547LF ―― 1.1 Ω LC5549LF ―― 1.7 Ω Switching Time tf LC5546LF LC5547LF 1 – 2 ―― 400 ns LC5549LF ―― 300 ns Thermal Resistance* Rθch-F LC5546LF ― ―― 3.1 °C/W LC5547LF LC5549LF ―― 2.2 °C/W *The thermal resistance between the channels of the MOSFET and the internal frame. January 28, 2013 4 SANKEN ELECTRIC CO., LTD. LC5540LF-DS Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs LC5540LF Series |