| Moteur de recherche de fiches techniques de composants électroniques |
|
VLS252012E Fiches technique(PDF) 4 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
VLS252012E Fiches technique(HTML) 4 Page - TDK Electronics |
|
4 / 53 page ![]() (4/53) INDUC T O RS 001-01 / 20140208 / inductor_commercial_power_vls_en.fm • All specifications are subject to change without notice. Overview of the VLS-E Series RECOMMENDED REFLOW PROFILE Preheating Soldering Peak Temp. Time Temp. Time Temp. Time T1 T2 t1 T3 t2 T4 t3 150°C 180°C 60 to 120s 230°C 30s 260°C 10s Natural cooling t3 t1 Preheating t2 Soldering T3 T3 T4 T2 T1 t: Time Peak |