Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBB503R3SCKA Fiches technique(PDF) 10 Page - International Rectifier

No de pièce SBB503R3SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SBB503R3SCKA Fiches technique(HTML) 10 Page - International Rectifier

Back Button SBB503R3SCKA Datasheet HTML 3Page - International Rectifier SBB503R3SCKA Datasheet HTML 4Page - International Rectifier SBB503R3SCKA Datasheet HTML 5Page - International Rectifier SBB503R3SCKA Datasheet HTML 6Page - International Rectifier SBB503R3SCKA Datasheet HTML 7Page - International Rectifier SBB503R3SCKA Datasheet HTML 8Page - International Rectifier SBB503R3SCKA Datasheet HTML 9Page - International Rectifier SBB503R3SCKA Datasheet HTML 10Page - International Rectifier SBB503R3SCKA Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.irf.com
SBB SERIES
Single Output
Mechanical Outline
Pin Designation
Pin #
Designation
1
Input
2
Input Return
3
Output Return
4Output
5Output
6
+Sense
7
Vadjust
8Sync In
9Sync Out
10
Enable
11
POK
12
Case
Note: Input and output returns
are internally connected
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-1120601KXA
SBB501S/CKA
5962-1120601KXC
SBB501S/CKC
5962-1120602KXA
SBB501R2S/CKA
5962-1120602KXC
SBB501R2S/CKC
5962-1120603KXA
SBB501R5S/CKA
5962-1120603KXC
SBB501R5S/CKC
5962-1120604KXA
SBB501R8S/CKA
5962-1120604KXC
SBB501R8S/CKC
5962-1120605KXA
SBB502R5S/CKA
5962-1120605KXC
SBB502R5S/CKC
5962-1120606KXA
SBB503R3S/CKA
5962-1120606KXC
SBB503R3S/CKC
Standard Microcircuit Drawing Equivalence Table












0.375
1.15
1.900
1.50
1.75
2.000
0.30
0.55
4 places
0.050
Max.
0.20 Typ.
Non-cum.
™ 0.128
™ 0.040
Pin
0.170
1.00
Ref.
0.25
0.25
2.40
Ref.
0.335 Max.
0.25
5 Eq. Spaces
0.20
™
Tolerance: .XX = ±0.01
.XXX = ±0.005
0.25 Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11