Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA248S24RUI Fiches technique(PDF) 2 Page - MicroPower Direct, LLC

No de pièce MA248S24RUI
Description  MA200RUI SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPD [MicroPower Direct, LLC]
Site Internet  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA248S24RUI Fiches technique(HTML) 2 Page - MicroPower Direct, LLC

  MA248S24RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA248S24RUI Datasheet HTML 2Page - MicroPower Direct, LLC MA248S24RUI Datasheet HTML 3Page - MicroPower Direct, LLC MA248S24RUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while
the other output is varied from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components.
For help with a specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case,
the isolation voltage for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit, but they may not meet all specifications.
To meet all specifications, a minimum load of 33% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA224S-05RUI-xx
24
9.0 - 36.0
119.0
20
5.0
400.0
133.3
70
35.0
2,200
250
MA224S-09RUI-xx
24
9.0 - 36.0
115.0
20
9.0
222.0
74.0
72
35.0
470
250
MA224S-12RUI-xx
24
9.0 - 36.0
112.0
20
12.0
167.0
55.7
74
35.0
470
250
MA224S-15RUI-xx
24
9.0 - 36.0
112.0
20
15.0
133.0
44.3
74
35.0
470
250
MA224S-24RUI-xx
24
9.0 - 36.0
114.0
30
24.0
83.0
27.7
73
35.0
220
250
MA224D-05RUI-xx
24
9.0 - 36.0
122.0
20
±5.0
±200.0
±66.7
68
35.0
±1,000
250
MA224D-09RUI-xx
24
9.0 - 36.0
119.0
20
±9.0
±111.0
±37.0
70
35.0
±220
250
MA224D-12RUI-xx
24
9.0 - 36.0
115.0
20
±12.0
±83.0
±27.7
72
35.0
±220
250
MA224D-15RUI-xx
24
9.0 - 36.0
115.0
20
±15.0
±67.0
±22.3
72
35.0
±220
250
MA224D-24RUI-xx
24
9.0 - 36.0
117.0
30
±24.0
±42.0
±14.0
71
35.0
±100
250
MA248S-05RUI-xx
48
18.0 - 72.0
57.0
10
5.0
400.0
133.3
73
35.0
2,200
125
MA248S-09RUI-xx
48
18.0 - 72.0
55.0
10
9.0
222.0
74.0
75
35.0
470
125
MA248S-12RUI-xx
48
18.0 - 72.0
54.0
10
12.0
167.0
55.7
77
35.0
470
125
MA248S-15RUI-xx
48
18.0 - 72.0
54.0
10
15.0
133.0
44.3
77
35.0
470
125
MA248S-24RUI-xx
48
18.0 - 72.0
55.0
10
24.0
83.0
27.7
75
35.0
220
125
MA248D-05RUI-xx
48
18.0 - 72.0
58.0
10
±5.0
±200.0
±66.7
71
35.0
±1,000
125
MA248D-09RUI-xx
48
18.0 - 72.0
57.0
10
±9.0
±111.0
±37.0
73
35.0
±220
1
MA248D-12RUI-xx
48
18.0 - 72.0
55.0
10
±12.0
±83.0
±27.7
75
35.0
±220
125
MA248D-15RUI-xx
48
18.0 - 72.0
55.0
10
±15.0
±67.0
±22.3
75
35.0
±220
125
MA248D-24RUI-xx
48
18.0 - 72.0
57.0
10
±24.0
±42.0
±14.0
73
35.0
±100
125
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA224S-05RUI-P2)
Series
Power
Input Range
Isolation
MA100X-xxRW
1W
2:1
1.5 kVDC
MA100X-xxRWI
1W
2:1
3.5 kVDC
MA100X-xxRU
1W
4:1
1.5 kVDC
MA100X-xxRUI
1W
4:1
3.5 kVDC
MA200X-xxRW
2W
2:1
1.5 kVDC
MA200X-xxRWI
2W
2:1
3.5 kVDC
MA200X-xxRU
2W
4:1
1.5 kVDC
MA200X-xxRUI
2W
4:1
3.5 kVDC
MA300X-xxRW
3W
2:1
1.5 kVDC
MA300X-xxRWI
3W
2:1
3.0 kVDC
MA300X-xxRU
3W
4:1
1.5 kVDC
MA300X-xxRUI
3W
4:1
3.0 kVDC
MA400X-xxRW
4W
2:1
1.5 kVDC
MA400X-xxRWI
4W
2:1
3.5 kVDC
MA400X-xxRU
4W
4:1
1.5 kVDC
MA400X-xxRUI
4W
4:1
3.5 kVDC
MA500X-xxRW
5W
2:1
1.5 kVDC
MA500X-xxRWI
5W
2:1
3.5 kVDC
MA500X-xxRU
5W
4:1
1.5 kVDC
MA500X-xxRUI
5W
4:1
3.5 kVDC
MA600X-xxRW
6W
2:1
1.5 kVDC
MA600X-xxRWI
6W
2:1
3.0 kVDC
MA600X-xxRU
6W
4:1
1.5 kVDC
MA600X-xxRUI
6W
4:1
3.0 kVDC
NEW DIP DC/DC Converter
Visit our website or contact the factory for more information.
Families From MPD



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com