Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA248S09RUI Fiches technique(PDF) 1 Page - MicroPower Direct, LLC

No de pièce MA248S09RUI
Description  MA200RUI SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPD [MicroPower Direct, LLC]
Site Internet  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA248S09RUI Fiches technique(HTML) 1 Page - MicroPower Direct, LLC

  MA248S09RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA248S09RUI Datasheet HTML 2Page - MicroPower Direct, LLC MA248S09RUI Datasheet HTML 3Page - MicroPower Direct, LLC MA248S09RUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
• 2W Output Power
• 4:1 Input Voltage Range
• 3,500 VDC Isolation
• 20 Standard Models
• High Efficiency
• Compact DIP Case
• -40°C to +85°C Operation
• Metal Case Available
• Low Cost
MA200RUI
Wide 4:1 Input, 2W,
High 3.5 kVDC Isolation
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
72.0
Input Reflected Ripple Current
35
mA P - P
Input Filter
(Pi) Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
IOUT = 25% to 100%
±0.5
%
Cross Regulation
See Note 1
±0.5
%
Ripple & Noise (20 MHz)
See Note 2
60
mV P - P
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, See Note 3
3 Seconds
3,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/0.1V
60
pF
Switching Frequency
100
400
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.75 x 20.32 x 10.16 mm)
Case Material, Plastic
Non-Conductive Black Plastic (UL94-V0)
Weight, Plastic Case
0.44 Oz (12.5g)
Case Material, Metal
Nickel-Coated Copper With Non-Conductive Base (UL94-V0)
Weight, Metal Case
0.53 Oz (15g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
40.0
VDC
48 VDC Input
-0.7
80.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Series
1.5 kV Isolation
Models
Available
Alternate
Pin-Out
Available


Numéro de pièce similaire - MA248S09RUI

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
MA248S09RU MPD-MA248S09RU Datasheet
1Mb / 4P
MA200RU SERIES
More results

Description similaire - MA248S09RUI

FabricantNo de pièceFiches techniqueDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com