Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT512US-T Fiches technique(PDF) 4 Page - Active-Semi, Inc

No de pièce ACT512US-T
Description  ActiveQRTM Quasi-Resonant PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512US-T Fiches technique(HTML) 4 Page - Active-Semi, Inc

  ACT512US-T Datasheet HTML 1Page - Active-Semi, Inc ACT512US-T Datasheet HTML 2Page - Active-Semi, Inc ACT512US-T Datasheet HTML 3Page - Active-Semi, Inc ACT512US-T Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACT512
Product Brief, 18-Feb-14
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
ActiveQR
TM is a trademark of Active-Semi.
ITEM REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
U1
IC, ACT512, SOT23-6
1
Active-Semi
2
C1
Capacitor, Electrolytic, 47µF/400V, 16 × 14mm
1
KSC
3
C3
Capacitor, Ceramic,1000pF/500V,0805,SMD
1
POE
4
C4
Capacitor, Electrolytic, 4.7µF/35V, 5 × 11mm
1
KSC
5
C5,C6
Capacitor, Electrolytic, 680µF/25V, 10 × 11.5mm
2
KSC
6
C8
Capacitor, Ceramic, 0.1µF/50V,0805,SMD
1
POE
7
C9
Capacitor, Ceramic,1000pF/100V,0805,SMD
1
POE
8
Cfb
Capacitor, Ceramic,1000pF/50V,0805,SMD
1
POE
9
D1-D4
Diode, Rectifier ,1000V2A, RL207, DO-41
4
Good-Ark
10
D5,D6
Diode, Ultra Fast, FR107,1000V/1.0A, DO-41
2
Good-Ark
11
D8
Diode, Schottky, 100V/20A, SBL20100, DO-220
1
Good-Ark
12
L1
CM Inductor, 30mH, UU10.5
1
SoKa
13
Bead1,2
T6*2*3, R5
2
SoKa
14
L3
DM Inductor, 3µH, R5
1
SoKa
15
Q1
Mosfet Transisor, 4N65, TO-220F
1
ST
16
PCB1
PCB, L*W*T = 48.5х29х1.6mm, Cem-1, Rev:A
1
Jintong
17
F1
Fusible, 2A/250V
1
TY-OHM
18
R12
Chip Resistor, 3.3kΩ, 0805, 5%
1
TY-OHM
19
R2
Carbon Resistor, 100kΩ, 2W, 5%
1
TY-OHM
20
R3
Chip Resistor, 100Ω, 0805, 5%
1
TY-OHM
21
R4
Chip Resistor, 4.7Ω, 0805, 5%
1
TY-OHM
22
R5
Chip Resistor, 54.9kΩ, 0805, 1%
1
TY-OHM
23
R6
Chip Resistor, 11.7kΩ, 0805, 1%
1
TY-OHM
24
R7,R8
Chip Resistor, 1MΩ, 0805, 5%
2
TY-OHM
25
R9
Chip Resistor, 0.87Ω,1W, 1%
1
TY-OHM
26
R10
Chip Resistor, 510Ω, 0805, 5%
1
TY-OHM
27
R14
Chip Resistor, 300kΩ, 0805, 5%
1
TY-OHM
28
R15
Chip Resistor, 23.7kΩ, 0805, 1%
1
TY-OHM
29
R16
Chip Resistor, 6.19kΩ, 0805, 1%
1
TY-OHM
30
Rgate
Chip Resistor, 47Ω, 0805, 5%
1
TY-OHM
31
T1
Transformer, LP = 0.8mH, RM8
1
32
NTC
Thermistor, SC053
1
TY-OHM
33
TVS
Varistor, 10471
1
TY-OHM
34
CX1
X capacitance, 0.22µF/400V,X1
2
35
CY1
Y capacitance, 2200pF/400V,Y1
1
SEC
36
U2
Opto-coupler, PC817C CTR = 200%
1
Sharp
37
U3
Voltage Regulator, TL431A, VREF = 2.5V
1
ST
Table 1:
ACT512 12V24W Bill of Materials



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com