Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3410 Fiches technique(PDF) 47 Page - ams AG

No de pièce AS3410
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Fiches technique(HTML) 47 Page - ams AG

Back Button AS3410 Datasheet HTML 43Page - ams AG AS3410 Datasheet HTML 44Page - ams AG AS3410 Datasheet HTML 45Page - ams AG AS3410 Datasheet HTML 46Page - ams AG AS3410 Datasheet HTML 47Page - ams AG AS3410 Datasheet HTML 48Page - ams AG AS3410 Datasheet HTML 49Page - ams AG AS3410 Datasheet HTML 50Page - ams AG AS3410 Datasheet HTML 51Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
47 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - P a c k age Drawings a nd M a rking
Figure 34. AS3400, AS3410, 24-pin QFN 0.5mm Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51