Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3400 Fiches technique(PDF) 23 Page - ams AG

No de pièce AS3400
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3400 Fiches technique(HTML) 23 Page - ams AG

Back Button AS3400 Datasheet HTML 19Page - ams AG AS3400 Datasheet HTML 20Page - ams AG AS3400 Datasheet HTML 21Page - ams AG AS3400 Datasheet HTML 22Page - ams AG AS3400 Datasheet HTML 23Page - ams AG AS3400 Datasheet HTML 24Page - ams AG AS3400 Datasheet HTML 25Page - ams AG AS3400 Datasheet HTML 26Page - ams AG AS3400 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
23 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 20. OTP Burning Process
8.8 2-Wire-Serial Control Interface
There is an I2C slave block implemented to have access to 64 byte of setting information.
The I2C address is: Adr_Group8 - audio processors
8Eh_write
8Fh_read
8.8.1 Protocol
Table 12. 2-Wire Serial Symbol Definition
Symbol
Definition
RW
Note
S
Start condition after stop
R1 bit
Sr
Repeated start
R1 bit
DW
Device address for write
R
1000 1110b (8Eh)
DR
Device address for read
R
1000 1111b (8Fh)
WA
Word address
R8 bit
enter
“Application Trimm”
mode
ANC pre burning
measurements
MAIN_LOCK
set?
write, burn OTP fuses
30-35h, 16-17h
Set MAIN_LOCK and
SEQ_LOCK
N
Y
Y
N
verification
OK?
leave
“Application Trimm”
mode
Device trimming
failed
leave
“Application Trim”
mode
ANC post burning
measurements
Device trimming
succeeded
Y
N
verification
OK?
trimm verification
ALT1_LOCK
set?
MIC trimm #2
write, burn OTP fuses
10-11h
Set ALT1_LOCK
N
Y
ALT2_LOCK
set?
MIC trimm #3
write, burn OTP fuses
12-13h
Set ALT2_LOCK
N
Y
ALT3_LOCK
set?
MIC trimm #4
write, burn OTP fuses
14-15h
Set ALT3_LOCK
N
Y
No further MIC
trimming possible
leave
“Application Trimm”
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51