| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5686 Fiches technique(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5686 Fiches technique(HTML) 25 Page - Analog Devices |
|
25 / 28 page ![]() Data Sheet AD5686/AD5684 Rev. A | Page 25 of 28 GALVANICALLY ISOLATED INTERFACE In many process control applications, it is necessary to provide an isolation barrier between the controller and the unit being controlled to protect and isolate the controlling circuitry from any hazardous common-mode voltages that may occur. iCoupler® products from Analog Devices provide voltage isolation in excess of 2.5 kV. The serial loading structure of the AD5686/AD5684 makes the part ideal for isolated interfaces because the number of interface lines is kept to a minimum. Figure 46 shows a 4-channel isolated interface to the AD5686/ AD5684 using an ADuM1400. For more information, visit http://www.analog.com/icouplers. Figure 46. Isolated Interface ENCODE SERIAL CLOCK IN CONTROLLER ADuM14001 SERIAL DATA OUT SYNC OUT LOAD DAC OUT DECODE TO SCLK TO SDIN TO SYNC TO LDAC VIA VOA ENCODE DECODE VIB VOB ENCODE DECODE VIC VOC ENCODE DECODE VID VOD 1ADDITIONAL PINS OMITTED FOR CLARITY. |