Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LS379 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce 74LS379
Description  OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS379 Fiches technique(HTML) 2 Page - Motorola, Inc

  74LS379 Datasheet HTML 1Page - Motorola, Inc 74LS379 Datasheet HTML 2Page - Motorola, Inc 74LS379 Datasheet HTML 3Page - Motorola, Inc 74LS379 Datasheet HTML 4Page - Motorola, Inc 74LS379 Datasheet HTML 5Page - Motorola, Inc 74LS379 Datasheet HTML 6Page - Motorola, Inc 74LS379 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-534
FAST AND LS TTL DATA
SN54/74LS377
• SN54/74LS378 • SN54/74LS379
CONNECTION DIAGRAM DIPS (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
E
Q5
D5
D4
Q4
Q3
D3
CP
Q0
D0
D1
Q1
D2
Q2 GND
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
E
Q3
Q3
D3
D2
Q2
Q2
CP
Q0
Q0
D0
D1
Q1
Q1 GND
18
17
16
15
14
13
1
2
3
4
5
6
7
20
19
8
VCC
E
Q7 D7 D6 Q6
D5
Q5
D4
Q0 D0 D1 Q1 Q2 D2 D3
9
10
Q3 GND
12
11
Q4 CP
SN54 / 74LS377
SN54 / 74LS378
SN54 / 74LS379
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.



Html Pages

1 2 3 4 5 6 7