Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FRDM-KL46Z Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc

No de pièce FRDM-KL46Z
Description  FRDM-KL46Z Users Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KL46Z Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button FRDM-KL46Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 14Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 15Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 16Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 17Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 13 of 17
FRDM-KL46Z is using a 4 digit display (LUMEX LCD-S401M16KR) 4x8 segments. following table shows
connection from KL46 to s401 display.
Table 4. sLCD connections
s401 pin
KL46 LCD Pin
1
LCD_P40 (COM0)
2
LCD_P52 (COM1)
3
LCD_P19 (COM2)
4
LCD_P18 (COM3)
5
LCD_P37
6
LCD_P17
7
LCD_P7
8
LCD_P8
9
LCD_P53
10
LCD_P38
11
LCD_P10
12
LCD_P11
Figure 6 s401 segments layout
5.1.9 Capacitive Touch Slider
Two Touch Sense Input (TSI) signals, TSI0_CH9/PTB16, and TSI0_CH10/PTB17 are connected to capacitive
electrodes configured as a touch slider. Freescale’s Touch Sense Software (TSS) provides a software library for
implementing the capacitive touch slider.
5.1.10 Three-axis Accelerometer
A Freescale MMA8451Q low-power, three-axis accelerometer is interfaced through an I2C bus and two GPIO
signals as shown in Table 5 below. By default, the I2C address is 0x1D (SA0 pulled high).
Table 5. Accelerometer Signal Connections
MMA8451Q
KL46
SCL
PTE25/TPM0_CH1/I2C0_SDA
SDA
PTE24/TPM0_CH0/I2C0_SCL
INT1_ACCEL
PTC5/LLWU_P9
INT2 _ACCEL
PTD1 (shared with INT2_MAG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17