Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8031ARTZ Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD8031ARTZ
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8031ARTZ Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD8031ARTZ Datasheet HTML 8Page - Analog Devices AD8031ARTZ Datasheet HTML 9Page - Analog Devices AD8031ARTZ Datasheet HTML 10Page - Analog Devices AD8031ARTZ Datasheet HTML 11Page - Analog Devices AD8031ARTZ Datasheet HTML 12Page - Analog Devices AD8031ARTZ Datasheet HTML 13Page - Analog Devices AD8031ARTZ Datasheet HTML 14Page - Analog Devices AD8031ARTZ Datasheet HTML 15Page - Analog Devices AD8031ARTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 12 of 32
MODES OF OPERATION
SDP CONTROLLED MODE
The AD7903 uses a high speed serial interface that allows sampling
rates of up to 1 MSPS. For more information about the operation of
the serial interface, refer to the AD7903 data sheet.
The AD7903 uses the serial interface to transfer data to the
EVAL-SDP-CB1Z.
The EVAL-AD7903SDZ communicates with the EVAL-SDP-CB1Z
board using level shifters. The EVAL-SDP-CB1Z operates at a
3.3 V logic level, which allows logic voltages that exceed 3.3 V
to be used without damaging the SDP interface.
STANDALONE MODE
The EVAL-AD7903SDZ can also be used without the EVAL-SDP-
CB1Z controller board. In this case, the EVAL-AD7903SDZ is
connected to the serial interface using the J5 connector or the
test points. For more information about the operation of the
serial interface, refer to the AD7903 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32