Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2131 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce LPC2131
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2131 Fiches technique(HTML) 4 Page - NXP Semiconductors

  LPC2131 Datasheet HTML 1Page - NXP Semiconductors LPC2131 Datasheet HTML 2Page - NXP Semiconductors LPC2131 Datasheet HTML 3Page - NXP Semiconductors LPC2131 Datasheet HTML 4Page - NXP Semiconductors LPC2131 Datasheet HTML 5Page - NXP Semiconductors LPC2131 Datasheet HTML 6Page - NXP Semiconductors LPC2131 Datasheet HTML 7Page - NXP Semiconductors LPC2131 Datasheet HTML 8Page - NXP Semiconductors LPC2131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5.1 — 29 July 2011
4 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
4.
Block diagram
(1) LPC2134/36/38 only.
(2) LPC2132/34/36/38 only.
(3) Pins shared with GPIO.
Fig 1.
Block diagram
SCL0,1
P0[31:0]
P1[31:16]
P0[31:0]
P1[31:16]
SDA0,1
XTAL2
XTAL1
SCK0,1
MOSI0,1
MISO0,1
EINT[3:0]
AD0[7:0]
PWM[6:1]
SSEL0,1
TXD0,1
RXD0,1
AHB BRIDGE
PLL
UART0/UART1
REAL TIME CLOCK
PWM0
ARM7TDMI-S
RESET
LPC2131, LPC2131/01
LPC2132, LPC2132/01
LPC2134, LPC2134/01
LPC2136, LPC2136/01
LPC2138, LPC2138/01
8
× CAP
8
× MAT
AD1[7:0](1)
AOUT(2)
DSR1(1),CTS1(1)
RTS1(1), DTR1(1)
DCD1(1), RI1(1)
002aab067
TRST(3)
TMS(3)
TCK(3)
TDI(3)
TDO(3)
trace
signals
FAST GENERAL
PURPOSE I/O
INTERNAL
SRAM
CONTROLLER
INTERNAL
FLASH
CONTROLLER
8/16/32 kB
SRAM
32/64/128/
256/512 kB
FLASH
EXTERNAL
INTERRUPTS
CAPTURE/
COMPARE
TIMER 0/TIMER 1
A/D CONVERTERS
0 AND 1(1)
D/A CONVERTER(2)
GENERAL
PURPOSE I/O
SYSTEM
CONTROL
WATCHDOG
TIMER
RTCX2
RTCX1
SPI AND SSP
SERIAL INTERFACES
I2C SERIAL
INTERFACES 0 AND 1
APB (ARM
peripheral bus)
AHB TO APB
BRIDGE
APB
DIVIDER
AHB
DECODER
AMBA AHB
(Advanced High-performance Bus)
VECTORED
INTERRUPT
CONTROLLER
SYSTEM
FUNCTIONS
system
clock
TEST/DEBUG
INTERFACE
ARM7 local bus
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45