| Moteur de recherche de fiches techniques de composants électroniques |
|
HPR1002 Fiches technique(PDF) 3 Page - C&D Technologies |
|
|
|||||||||||||||||||||||||||||
HPR1002 Fiches technique(HTML) 3 Page - C&D Technologies |
|
3 / 4 page ![]() Page 3 HPR10XX REV C 9/98 SAFE OPERATING AREA Rise Time of Input Voltage (mS) LOAD CAPACITANCE vs INPUT RISE TIME (5 Vout models) 0 5 10 15 20 25 30 35 40 45 50 600 500 400 300 200 100 0 SAFE OPERATING AREA Rise Time of Input Voltage (mS) LOAD CAPACITANCE vs INPUT RISE TIME (12 Vout models) 0 5 10 15 20 25 30 35 40 45 50 90 80 70 60 50 40 30 20 10 0 SAFE OPERATING AREA Rise Time of Input Voltage (mS) LOAD CAPACITANCE vs INPUT RISE TIME (15 Vout models) 0 5 10 15 20 25 30 35 40 45 50 60 50 40 30 20 10 0 VOUT VS LOAD (5Vout Models) VOUT VS LOAD (±5Vout Models) VOUT VS LOAD (12Vout Models) VOUT VS LOAD (±12Vout Models) VOUT VS LOAD (15Vout Models) VOUT VS LOAD (±15Vout Models) 0 40 120 160 5.3 5.5 5.7 4.9 5.1 020 40 60 80 11.9 12.0 12.1 12.2 12.3 12.4 020 40 60 80 4.6 4.8 5.0 5.2 5.4 010 20 30 40 12.0 12.1 12.2 12.3 12.4 12.5 14.9 15.1 15.3 15.5 15.7 15.9 020 40 60 80 0 13.5 14.0 14.5 15.0 15.5 16.0 80 Output Current (mA) Output Current each load (mA) Output Current each load (mA) 12.5 Output Current each load (mA) 12.6 Output Current each load (mA) Output Power each load (Watts) 0.2 0.4 0.6 0.8 1.0 16.5 0 40 80 100 60 20 90 75 60 45 30 15 0 EFFICIENCY VS LOAD % of Rated Load (%) OSCILLATION FREQUENCY VS TEMPERATURE 220 200 180 160 140 -30 0 30 60 90 Temperature (°C) TYPICAL PERFORMANCE CURVES Specifications typical at T A = +25°C, nominal input voltage, rated output current unless otherwise specified. SAFE OPERATING AREA NOTES: 1.) When operated within the SAFE OPERATING AREA as defined by the above curves, the output voltage of HPR10XX devices is guaranteed to be within 95% of its steady-state value within 100 milliseconds after the input voltage has reached 95% of its steady- state value. 2.) For dual output models, total load capacitance is the sum of the capacitances on the plus and minus outputs. |