Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DA103 Fiches technique(PDF) 1 Page - C&D Technologies

No de pièce DA103
Description  Transformers for Digital Audio Data Transmission
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CANDD [C&D Technologies]
Site Internet  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

DA103 Fiches technique(HTML) 1 Page - C&D Technologies

  DA103 Datasheet HTML 1Page - C&D Technologies DA103 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DA100 SERIES
Transformers for Digital Audio Data Transmission
www.dc-dc.com
FEATURES
s
Compatible with Leading Chip Sets
s
2kVrms Isolation
s
Standard Pinout
s
Surface Mount Option
s
CECC00802 IR Reflow Profile
s
UL 94V-0 Package Materials
s
Low Profile
s
Suitable for Both 75 & 110
Ω Circuits
DESCRIPTION
The Digital Audio Range of transformers is
designed to improve the balance of
transmitter and receiver circuitry in hi-fi
equipment, video games and other
applications requiring high-performance
digital audio transmission. Compliant with
AES/EBU recommendations for the digital
audio interface offering optimised shunt
capacitance between primary and secondary
windings. Capable of operating over the
audio data rate frequency range, providing
isolation from 60Hz noise.
ABSOLUTE MAXIMUM RATINGS
Specifications typical at TA =25°C
For tape and reel packaging details refer to datasheet NDC AN002.
SELECTION GUIDE
Order Code
mH
H
Vµs
dB
dB
DA101
1:1
1.00 - 1.59
0.22
15
46.80
52.10
DA102
1:1
2.00 - 3.00
0.39
20
40.40
49.70
DIP
DA103
1:1
4.00 - 5.96
0.91
28
36.30
46.40
DA101M/R
1:1
1.00 - 1.59
0.22
15
46.80
52.10
DA102M/R
1:1
2.00 - 3.00
0.39
20
40.40
49.70
SM
DA103M/R
1:1
4.00 - 5.96
0.91
28
36.30
46.40
Operating free air temperature range
0°C to 70°C
Storage temperature range
–40°C to 125°C


Numéro de pièce similaire - DA103

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DA103C MURATA-DA103C Datasheet
127Kb / 3P
Transformers for Digital Audio Data Transmission
DA103C MURATA-DA103C Datasheet
454Kb / 3P
Transformers for Digital Audio Data Transmission
logo
Murata Power Solutions ...
DA103C MURATA-PS-DA103C Datasheet
381Kb / 4P
Transformers for Digital Audio Data Transmission
2023
logo
ITT Industries
DA103J12B202DQF ITT-DA103J12B202DQF Datasheet
193Kb / 5P
Miniature Single Pole Rocker Switches
DA103J12B202DQF6 ITT-DA103J12B202DQF6 Datasheet
193Kb / 5P
Miniature Single Pole Rocker Switches
More results

Description similaire - DA103

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST-85612 ETC-ST-85612 Datasheet
129Kb / 1P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Pulse A Technitrol Comp...
PE-65612 PULSE-PE-65612 Datasheet
81Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Rhombus Industries Inc.
T-10247 RHOMBUS-IND-T-10247 Datasheet
33Kb / 1P
Digital Audio Data Transmission Transformers
10/12/96
logo
Murata Manufacturing Co...
KMP_DA100 MURATA-KMP_DA100 Datasheet
127Kb / 3P
Transformers for Digital Audio Data Transmission
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL Datasheet
393Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Murata Manufacturing Co...
DA101MC MURATA-DA101MC Datasheet
454Kb / 3P
Transformers for Digital Audio Data Transmission
logo
Allied Components Inter...
AT0401DX ALLIED-AT0401DX Datasheet
381Kb / 1P
TRANSFORMER FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Pulse A Technitrol Comp...
T6074NL PULSE-T6074NL Datasheet
58Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Murata Power Solutions ...
DA100J MURATA-PS-DA100J Datasheet
121Kb / 3P
SM Transformers for Digital Audio Data Transmission
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL_13 Datasheet
378Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com