| Moteur de recherche de fiches techniques de composants électroniques |
|
RM4875 Fiches technique(PDF) 4 Page - C&D Technologies |
|
|
|||||||||||||||||||||||||||||
RM4875 Fiches technique(HTML) 4 Page - C&D Technologies |
|
4 / 4 page ![]() RM4875 4/98 REV A Page 4 Mechanical Standard Options are shown, consult factory for other available options. The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D Technologies product for use in life support devices/systems or in aircraft control applications. I+ I- EQL FLT REM EQL NORM RFA OFF HFM 48-7.5 2.90 10.955 4.750 2.400 ALL MEASUREMENTS ARE IN INCHES |