Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2950AC Fiches technique(PDF) 9 Page - Calogic, LLC

No de pièce LP2950AC
Description  100mA Low Dropout Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALOGIC [Calogic, LLC]
Site Internet  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LP2950AC Fiches technique(HTML) 9 Page - Calogic, LLC

Back Button LP2950AC Datasheet HTML 2Page - Calogic, LLC LP2950AC Datasheet HTML 3Page - Calogic, LLC LP2950AC Datasheet HTML 4Page - Calogic, LLC LP2950AC Datasheet HTML 5Page - Calogic, LLC LP2950AC Datasheet HTML 6Page - Calogic, LLC LP2950AC Datasheet HTML 7Page - Calogic, LLC LP2950AC Datasheet HTML 8Page - Calogic, LLC LP2950AC Datasheet HTML 9Page - Calogic, LLC LP2950AC Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
LP2950 / LP2951
CORPORATION
TYPICAL APPLICATIONS (continued)
+V
IN
LP2951
FB
4
1F-48
GND
8
5
SYSTEM OVER TEMPERATURE PROTECTION CIRCUIT
AUX SHUTDOWN
INPUT
+V
IN
AS35
5 DEGREE SHUTDOWN FLAG
VOUT
1
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP > 125)
OR
TEMP
SENSOR
7
+
–
3
ERROR
SD
10K
Ω
ON
OFF
RELAY
8.2K
Ω
LP2951
4
1F-49
GND
8
1
OPEN CIRCUIT DETECTOR FOR 4mA TO 20mA CURRENT LOOP
7
FB
2
4
20mA
IN4001
360K
Ω
0.1
µF
IN457
OUTPUT
4.7mA
+5v
MIN VOLTAGE = 4V
+V
IN
V
OUT
LP2951
4.7
µF
LOAD 50mA
TO 300mA
OUTPUT
5V
1
2
SENSE
GND
5
UNREGULATED INPUT
3
300mA REGULATOR WITH 0.75 DROPOUT
74
2N5432
27K
Ω
330K
Ω
IN
1F-50
V
TAP
FB
V
OUT
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com