Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1418FS Fiches technique(PDF) 2 Page - Hammond Manufacturing Ltd.

No de pièce 1418FS
Description  Armoire autoportante en acier doux de type 12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMMOND [Hammond Manufacturing Ltd.]
Site Internet  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1418FS Fiches technique(HTML) 2 Page - Hammond Manufacturing Ltd.

  1418FS Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1418FS Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1418FS Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Usable Depth
Enclosure Depth
Max Usable Depth
18.06
17.80
20.06
19.80
24.06
23.80
30.06
29.80
36.06
35.80
Single Access only.
From the inside surface of front door to front face of Full
Width Panel
Inner panel in full back position
Les panneaux intérieurs, les rails, les cadres et les supports offerts en
option comportent un revêtement en poudre blanc.
Accessoires
Single Access
Part No.
Overall Dimensions
Optional
Ship Wt.
A
B
C
F
G
Full Panel¹
(lbs)
1418TW18
60.06
24.06
18.06
32.03
23.13
60TWFW
210
1418W18
72.06
24.06
18.06
38.03
29.13
72WFW
246
1418X18
72.06
30.06
18.06
38.03
29.13
72XFW
285
1418Y18
72.06
36.06
18.06
38.03
29.13
72YFW
325
1418YW20
90.06
24.06
20.06
47.03
38.13
90YWFW
313
1418YY20
90.06
36.06
20.06
47.03
38.13
90YFW
406
1418TY24
60.06
36.06
24.06
32.03
23.13
60TYFW
325
1418W24
72.06
24.06
24.06
38.03
29.13
72WFW
300
1418X24
72.06
30.06
24.06
38.03
29.13
72XFW
335
1418Y24
72.06
36.06
24.06
38.03
29.13
72YFW
370
1418YY24
90.06
36.06
24.06
47.03
38.13
90YFW
440
1418W30
72.06
24.06
30.06
38.03
29.13
72WFW
355



Html Pages

1 2 3