| Moteur de recherche de fiches techniques de composants électroniques |
|
DPAD2 Fiches technique(PDF) 1 Page - Calogic, LLC |
|
|
|||||||||||||||||||||||||||||
DPAD2 Fiches technique(HTML) 1 Page - Calogic, LLC |
|
1 / 2 page ![]() Dual Pico Amp Diodes DPAD1 / DPAD2 / DPAD5 / DPAD10 / DPAD20 / DPAD50 / DPAD100 SSTDPAD5 / SSTDPAD10 / SSTDPAD20 / SSTDPAD50 / SSTDPAD100 FEATURES •• High OFF Isolation. . . . . . . . . . . . . . . . . 1 pA max DPAD1 •• Excellent Isolation between diodes. . . . . . Typical 20 fA •• Matched Capacitance APPLICATIONS •• Op Amp Protection Devices •• Diode Switching •• High Impedance Protection DESCRIPTION Calogic’s ultra low leakage dual pico amp diodes out perform conventional diodes for applications where reverse current (leakage) is critical and must be kept at a minimum. The devices have very low capacitance and are also fast switching. Housed in a compact dual hermetic package and a plastic surface mount SO-8 this product is also available in chip form for hybrid uses. ORDERING INFORMATION Part Package Temperature Range DPAD1 Hermetic TO-78 -55 to +150 oC DPAD2/50 Hermetic TO-71 -55 to +150 oC SSTDPAD5/100 Plastic SO-8 -55 to +150 oC XDPAD5/100 Sorted Chips in Carriers -55 to +150 oC CORPORATION SCHEMATIC DIAGRAM TO-71 (MODIFIED) (PINS 2 AND 6 REMOVED) A 1 A 2 C2 C 1 C C 1 C 2 A 1 A 2 TO-78 (MODIFIED) (DPAD1 ONLY) A C A C BOTTOM VIEW (ALTERNATE) 1 A 1 C1 A 2 C2 2 3 4 1 A 1 C1 A 2 C2 C BOTTOM VIEW CASE 2 5 4 3 PIN CONFIGURATION SO-8 C1 A1 N/C C2 A2 C1 N/C C2 CJ1, CJ2, CJ4 |
Numéro de pièce similaire - DPAD2 |
|
Description similaire - DPAD2 |