| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS348 Fiches technique(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
74LS348 Fiches technique(HTML) 2 Page - Motorola, Inc |
|
2 / 6 page ![]() 5-500 FAST AND LS TTL DATA SN54/74LS348 • SN54/74LS848 BLOCK DIAGRAMS SN54 / 74LS348 SN54 / 74LS848 EI 0 1 2 3 4 5 6 7 (5) (10) (11) (12) (13) (1) (2) (3) (4) EO GS A0 A1 A2 (15) (14) (9) (7) (6) EI 0 1 2 3 4 5 6 7 (5) (10) (11) (12) (13) (1) (2) (3) (4) EO GS A0 A1 A2 (15) (14) (9) (7) (6) G1″ G2′ G3′ G4′ G5′ G6′ G7′ G8′ G9′ G10′ G11′ G12′ G31 G13 G14 G15 G16 G17 G18 G19 G20 G21 G22 G24 G25 G26 G27 G29 G30 G23 G28 GUARANTEED OPERATING RANGES Symbol Parameter Min Typ Max Unit VCC Supply Voltage 54 74 4.5 4.75 5.0 5.0 5.5 5.25 V TA Operating Ambient Temperature Range 54 74 – 55 0 25 25 125 70 °C IOH Output Current — High EO, GS 54, 74 – 0.4 mA IOH Output Current — High A0, A1, A2 A0, A1, A2 54 74 – 1.0 – 2.6 mA IOL Output Current — Low EO, GS 54 74 4.0 8.0 mA IOL Output Current — Low A0, A1, A2 A0, A1, A2 54 74 12 24 mA |