Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6571 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L6571
Description  High voltage half bridge driver with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6571 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L6571 Datasheet HTML 2Page - STMicroelectronics L6571 Datasheet HTML 3Page - STMicroelectronics L6571 Datasheet HTML 4Page - STMicroelectronics L6571 Datasheet HTML 5Page - STMicroelectronics L6571 Datasheet HTML 6Page - STMicroelectronics L6571 Datasheet HTML 7Page - STMicroelectronics L6571 Datasheet HTML 8Page - STMicroelectronics L6571 Datasheet HTML 9Page - STMicroelectronics L6571 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Oscillator frequency
L6571A - L6571B
6/12
Doc ID 4946 Rev 6
4
Oscillator frequency
The frequency of the internal oscillator can be programmed using external resistor and
capacitor.
The nominal oscillator frequency can be calculated using the following equation:
Equation 1
Where RF and CF are the external resistor and capacitor.
The device can be driven in "shut down" condition keeping the CF pin close to GND, but
some cares have to be taken:
1.
When CF is to GND the high side driver is off and the low side is on
2.
The forced discharge of the oscillator capacitor CF must not be shorter than 1us: a
simple way to do this is to limit the current discharge with a resistive path imposing
R · CF > 1 μs (see fig.1)
Figure 3.
Fault signal
Figure 4.
Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12