Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRC299 Fiches technique(PDF) 1 Page - California Micro Devices Corp

No de pièce PRC299
Description  CLOCK TERMINATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRC299 Fiches technique(HTML) 1 Page - California Micro Devices Corp

  PRC299 Datasheet HTML 1Page - California Micro Devices Corp PRC299 Datasheet HTML 2Page - California Micro Devices Corp PRC299 Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2001 California Micro Devices Corp. All rights reserved.
2/28/2001
1
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PRC298/299
CALIFORNIA MICRO DEVICES
Clock Terminator
Features
• Stable resistor-capacitor network
• Ideal for high-speed logic
• Low lead inductance
• Reduces board space compared to discretes
• SOT Packages
Product Description
High speed microprocessors like Intel’s Pentium®, DEC’s
Alpha, Motorola’s 68K and PowerPC, Sun’s SPARC,
MIPs, and other RISC-based systems require well-
controlled and precise clock signals to maintain a high
performance synchronous system. However, very fast
edge rated clock signals exhibit transmission line effects
on the clock lines resulting in undershoot and overshoot
disturbances.
CAMD’s PRC298/299 SOT resistor-capacitor integrated
thin film networks are specifically designed to eliminate
transmission line effects on high speed clock and data
lines.
Application
• Clock termination
C1730201
These networks are fabricated on a silicon substrate
using advanced thin film technology. They have low
parasitic inductance compared to discrete and conven-
tional thick film filters and provide effective AC termina-
tion.
Why thin film RC networks? The PRC298/299 is an
integrated RC network fabricated on a silicon substrate
using advanced thin film technology. This technology
insures a fixed time constant and does not create
additional skew on the clock lines. It offers very low
parasitic inductance compared to conventional discrete
thick film-based approaches and provides effective
termination at high frequencies.
SCHEMATIC CONFIGURATIONS
R
4
PRC298
(SOT-143)
1
C
R
3
R
2
C
C
R
3
2
PRC299
(SOT-23)
R
1
C
C


Numéro de pièce similaire - PRC299

FabricantNo de pièceFiches techniqueDescription
logo
California Micro Device...
PRC200 CALMIRCO-PRC200 Datasheet
44Kb / 2P
EMI/RFIT-FILTER
PRC200150K470M CALMIRCO-PRC200150K470M Datasheet
44Kb / 2P
EMI/RFIT-FILTER
PRC200150K470MR CALMIRCO-PRC200150K470MR Datasheet
44Kb / 2P
EMI/RFIT-FILTER
PRC200150K470MT CALMIRCO-PRC200150K470MT Datasheet
44Kb / 2P
EMI/RFIT-FILTER
PRC200250K101M CALMIRCO-PRC200250K101M Datasheet
44Kb / 2P
EMI/RFIT-FILTER
More results

Description similaire - PRC299

FabricantNo de pièceFiches techniqueDescription
logo
California Micro Device...
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
logo
Dallas Semiconductor
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
SCSI Terminator
logo
Maxim Integrated Produc...
DS21S07A MAXIM-DS21S07A Datasheet
449Kb / 8P
SCSI Terminator
022106
logo
Dallas Semiconductor
DS21T06 DALLAS-DS21T06 Datasheet
114Kb / 6P
SCSI Terminator
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
SCSI Terminator
logo
CTS Corporation
VME64 CTS-VME64 Datasheet
61Kb / 2P
Terminator
logo
KOA Speer Electronics, ...
CTXS03T KOA-CTXS03T Datasheet
75Kb / 1P
PECL clock terminator networks
logo
Molex Electronics Ltd.
0011402001 MOLEX11-0011402001 Datasheet
26Kb / 3P
Terminator Die
0011402005 MOLEX11-0011402005 Datasheet
24Kb / 1P
Terminator Die
0011402006 MOLEX11-0011402006 Datasheet
26Kb / 2P
Terminator Die
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com