| Moteur de recherche de fiches techniques de composants électroniques |
|
PACUSB100MSR Fiches technique(PDF) 1 Page - California Micro Devices Corp |
|
|
|||||||||||||||||||||||||||||
PACUSB100MSR Fiches technique(HTML) 1 Page - California Micro Devices Corp |
|
1 / 2 page ![]() © 2000 California Micro Devices Corp. All rights reserved. 12/15/2000 215 Topaz Street, Milpitas, California 95035 Tel: (408) 263-3214 Fax: (408) 263-7846 www.calmicro.com 1 CALIFORNIA MICRO DEVICES PACUSB100 USB UPSTREAM PORT FILTER WITH ESD PROTECTION SCHEMATIC CONFIGURATION Features Provides EMI/RFI filtering Bi-Directional ESD protection Circuitry for optimum system protection Very small package USB 1.1 compliant Product Description The USB is a four wire system utilizing a two wire twisted pair for transferring data, and two lines to supply power and ground connection to hubs and devices. The USB allows for two modes of signaling. The low speed mode is defined at 1.5Mbs with the full speed at 12Mbs. The PACUSB100 provides ESD protection with EMI filtering and termination. It is ideal for protecting vulnerable components in devices like keyboard, mouse, scanner/printer, etc. The PACUSB100 also supports upstream ports. California Micro Devices also offers a complementary device (PACUSB200) to provide filtering and ESD protection for downstream ports. The PACUSB100 has the following characteristics: Compatible with Universal Serial Bus specification 1.0. Protects both the system and device from external ESD pulses up to 6KV per the Human Body Model. Suppresses EMI/RFI noise on high speed data lines. Applications Keyboard, mouse, game peripherals Speakers Scanners/printers Monitors Modems *Guaranteed by design Note 1: Pins 1,4 and 8 grounded Pins 3,5 and 6 open Contact discharge between pins 7 and 2 to ground, one at a time GND Pins = 1, 4, 8 C0160997D S N O I T A C I F I C E P S D R A D N A T S ) s r o t si s e r M H O 3 3 ( e c n a r e l o T e t u l o s b A % 5 ± ) s r o t si s e r m h o 5 . 1 ( e c n a r e l o T e t u l o s b A % 0 1 ± ) s r o ti c a p a c F p 7 4 ( e c n a r e l o T e t u l o s b A % 0 2 ± e g n a R e r u t a r e p m e T g n it a r e p OC ° 0 7 o t C ° 0 )l e d o M y d o B n a m u H ( n o it c e t o r P D S E 5 1 0 3 d o h t e M , 3 8 8 - D T S - L I M ) 1 e t o N ( n o it c e t o r P m e t s y S n I * V K 4 > * V K 6 > e g a k c a PP O S Q n i p 8 N O I T A M R O F N I G N I R E D R O T R A P D R A D N A T S e g a k c a Pr e b m u N t r a P g n i r e d r O s n i Pe l y t Ss e b u Tl e e R & e p a Tg n i k r a M t r a P 8P O S MT / S M 0 0 1 B S U C A PR / S M 0 0 1 B S U C A P0 0 1 U |
Numéro de pièce similaire - PACUSB100MSR |
|
Description similaire - PACUSB100MSR |