| Moteur de recherche de fiches techniques de composants électroniques |
|
SS129ESOT Fiches technique(PDF) 5 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS129ESOT Fiches technique(HTML) 5 Page - SEC Electronics Inc. |
|
5 / 5 page ![]() SS129 Unipolar Hall-Effect Digital Switch 5 V2.10 May 1, 2012 Package AT, 3-Pin SOT-23: Ordering Information Part No. Pb-free Temperature Code Package Code Packing SS129ESOT YES -40°C to 85°C SOT-23 7-in. reel, 3000 pieces/reel SS129EUA YES -40°C to 85°C TO-92 Bulk, 1000 pieces/bag SS129KSOT YES -40°C to 125°C SOT-23 7-in. reel, 3000 pieces/reel SS129KUA YES -40°C to 125°C TO-92 Bulk, 1000 pieces/bag SS129LSOT YES -40°C to 150°C SOT-23 7-in. reel, 3000 pieces/reel SS129LUA YES -40°C to 150°C TO-92 Bulk, 1000 pieces/bag |