Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH7776 Fiches technique(PDF) 28 Page - OSRAM GmbH

No de pièce SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Fiches technique(HTML) 28 Page - OSRAM GmbH

Back Button SFH7776_13 Datasheet HTML 24Page - OSRAM GmbH SFH7776_13 Datasheet HTML 25Page - OSRAM GmbH SFH7776_13 Datasheet HTML 26Page - OSRAM GmbH SFH7776_13 Datasheet HTML 27Page - OSRAM GmbH SFH7776_13 Datasheet HTML 28Page - OSRAM GmbH SFH7776_13 Datasheet HTML 29Page - OSRAM GmbH SFH7776_13 Datasheet HTML 30Page - OSRAM GmbH SFH7776_13 Datasheet HTML 31Page - OSRAM GmbH SFH7776_13 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
2013-07-09
28
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
The INT state is inactive, if the PS measurement result is lower than the set PS_TH high thresh-
old.
01 PS_TH & PS_TL (PS high & low threshold) are active as hysteresis:
PS_TH and PS_TL are working as a hysteresis. If the PS measurement signal is higher than the
PS high threshold (PS_TH) the INT state is switched to active. If the PS measurement signal is
lower than the PS low threshold (PS_TL) the INT state is inactive. If once the interrupt signal
becomes active, the INT status is kept active until the measurement result becomes less than
the PS_TL register value.
10 PS_TH & PS_TL (PS high & low threshold) are active as outside detection:
In case of “PS outside detection“ mode interrupt signal inactive means that the measurement
result is within the registered threshold level and the interrupt signal active means that the meas-
urement result is out of registered threshold level.
PS signal
PS INT active
PS INT inactive
PS_TH
PS signal
PS INT active
PS INT inactive
PS_TH
PS signal
PS INT active
PS INT inactive
PS_TH
PS_TL
PS signal
PS INT active
PS INT inactive
PS_TH
PS_TL
PS signal
PS INT active
PS INT inactive
PS_TH
PS_TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34