Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA150 Fiches technique(PDF) 4 Page - Bytes

No de pièce SA150
Description  500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BYTES [Bytes]
Site Internet  
Logo BYTES - Bytes

SA150 Fiches technique(HTML) 4 Page - Bytes

  SA150 Datasheet HTML 1Page - Bytes SA150 Datasheet HTML 2Page - Bytes SA150 Datasheet HTML 3Page - Bytes SA150 Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
500 Watt Axial Lead TVS
UNI
REVERSE
BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
DIRECTIONAL STAND-OFF
VOLTAGE
VOLTAGE
CURRENT CLAMPING
PULSE
LEAKAGE
PART
VOLTAGE
VBR (V)
VRB (V)
IT
VOLTAGE
CURRENT
@ VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
µ
SA43
43.00
47.80
58.40
1
76.7
6.6
3
SA130
130.00
144.00
176.00
1
230.0
2.2
3
SA70
70.00
77.80
95.10
1
125.0
4.1
3
SA54
54.00
60.00
73.30
1
96.3
5.3
3
SA180
180.00
200.00
244.00
1
320.0
1.6
3
SA90
90.00
100.00
122.00
1
160.0
3.2
3
SA48
48.00
53.30
65.20
1
85.5
6.0
3
SA160
160.00
178.00
218.00
1
287.0
1.7
3
SA78
78.00
86.70
106.00
1
139.0
3.7
3
SA60
60.00
66.70
81.50
1
107.0
4.8
3
SA110
110.00
122.00
149.00
1
196.0
2.6
3
SA45
45.00
50.00
61.10
1
80.3
6.4
3
SA150
150.00
167.00
204.00
1
268.0
1.9
3
SA75
75.00
83.30
102.00
1
134.0
3.8
3
SA58
58.00
64.40
78.70
1
103.0
5.0
3
SA100
100.00
111.00
136.00
1
179.0
2.8
3
SA51
51.00
56.70
69.30
1
91.1
5.6
3
SA170
170.00
189.00
231.00
1
304.0
1.7
3
SA85
85.00
94.40
115.00
1
151.0
3.4
3
SA64
64.00
71.10
86.90
1
114.0
4.5
3
SA120
120.00
133.00
163.00
1
214.0
2.4
3
SA43A
43.00
47.80
52.80
1
69.4
7.3
3
SA130A
130.00
144.00
159.00
1
209.0
2.4
3
SA70A
70.00
77.80
86.00
1
113.0
4.5
3
SA54A
54.00
60.00
66.30
1
87.1
5.9
3
SA180A
180.00
200.00
233.00
1
289.0
1.7
3
SA90A
90.00
100.00
111.00
1
146.0
3.5
3
SA48A
48.00
53.30
58.90
1
77.4
6.6
3
SA160A
160.00
178.00
197.00
1
259.0
2.0
3
SA78A
78.00
86.70
95.80
1
126.0
4.0
3
SA60A
60.00
66.70
73.70
1
96.8
5.3
3
SA110A
110.00
122.00
135.00
1
177.0
2.9
3
SA45A
45.00
50.00
55.30
1
72.7
7.0
3
SA150A
150.00
167.00
185.00
1
243.0
2.1
3
SA75A
75.00
83.30
92.10
1
121.0
4.2
3
SA58A
58.00
64.40
71.20
1
93.6
5.4
3
SA100A
100.00
111.00
123.00
1
162.0
3.1
3
SA51A
51.00
56.70
62.70
1
82.4
6.2
3
SA170A
170.00
189.00
209.00
1
275.0
1.9
3
SA85A
85.00
94.40
104.00
1
137.0
3.7
3
SA64A
64.00
71.10
78.60
1
103.0
5.0
3
SA120A
120.00
133.00
147.00
1
193.0
2.6
3



Html Pages

1 2 3 4