| Moteur de recherche de fiches techniques de composants électroniques |
|
CSPRC032 Fiches technique(PDF) 3 Page - California Micro Devices Corp |
|
|
|||||||||||||||||||||||||||||
CSPRC032 Fiches technique(HTML) 3 Page - California Micro Devices Corp |
|
3 / 3 page ![]() © 2000 California Micro Devices Corp. All rights reserved. 9/26/2000 3 CSPRC032 CALIFORNIA MICRO DEVICES 215 Topaz Street, Milpitas, California 95035 Tel: (408) 263-3214 Fax: (408) 263-7846 www.calmicro.com E G A K C A P N O I T A M R O F N I G N I R E D R O T R A P D R A D N A T S - N O N s e i r e S t r a P) X X X ( e u l a V r o t s i s e R) Y Y Y ( e u l a V r o t i c a p a C ) 2 3 0 C R P S C ( e l p m a x E0 5 = ( 0 0 5 Ω Ω Ω Ω Ω)) F P 3 4 = ( 0 3 4 t i g i d d r i h T . e u l a v t n a c i f i n g i s e r a s t i g i d 2 t s r i F . w o ll o f o t s o r e z f o r e b m u n s t n e s e r p e r t i g i d d r i h T . e u l a v t n a c i f i n g i s e r a s t i g i d 2 t s r i F . w o ll o f o t s o r e z f o r e b m u n s t n e s e r p e r PART NUMBER KEY PACKAGE TYPE APPLICATION Capacitor Value CSP = Chip Scale Package Resistor Capacitor Filter First 2 digits are significant value. 3rd digit represents number of zeros. Resistor Value First 2 digits are significant value. 3rd digit represents number of zeros. CSP RC032 XXX YYY 250 225 200 175 150 125 100 75 50 25 0 48 97 145 Time (s) 194 242 290 339 387 435 EXH RF Z5 Z4 EXH PH Z2 Z3 CD Typical Solder Reflow Thermal Profile (No Clean Flux) |