Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM47MPL Fiches technique(PDF) 1 Page - API Technologies Corp

No de pièce MM47MPL
Description  Triple Balanced Mixer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MM47MPL Fiches technique(HTML) 1 Page - API Technologies Corp

  MM47MPL Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Triple Balanced Mixer
Multi-Octave Band
Model MM4xxL
RF 2.0 to 8.0 GHz
LO (GHz)
2.0-8.0
2.0-8.0
2.0-8.0
2.0-8.0
2.0-8.0
2.0-8.0
2.0-8.0
RF (GHz)
2.0-8.0
2.0-8.0
2.0-8.0
2.0-8.0
2.0-8.0
2.0-8.0
IF (MHz)
3.0-5.0
2.0-6.0
2.0-6.0
2.0-6.0
2.0-6.0
Min
16 dB
18 dB
Typical
6.3 dB
7.3 dB
23 dB
27 dB
27 dB
+5 dBm
+8 dBm
+12 dBm
+15 dBm
+14 dBm
+17 dBm
+21 dBm
+24 dBm
+10 dBm
+13 dBm
+17 dBm
+21 dBm
Max
7.5 dB
8.5 dB
MM44
MM46
MM47
MM48
MM44
MM46
MM47
MM48
MM44
MM46
MM47
MM48
Conditions
Electrical Specifications (1)
:
Parameter
SSB Conversion
loss:(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
Input 1 dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:(4)
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system from -55˚C to +100˚C
with the nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
Drop-In Module or
With SMA(F)
Connectors
M = Module
P = With Connectors
LO Power
4 = +10 dBm
6 = +13 dBm
7 = +17 dBm
8 = +21 dBm
Typical
Performance
at 25˚C
All dimensions are in inches and [mm].
Outline: L1
MM4xxL
SPECTRUM
Model MM4xxL
Specifications
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Numéro de pièce similaire - MM47MPL

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
MM47MPG-1 APITECH-MM47MPG-1 Datasheet
566Kb / 1P
Triple Balanced Mixer
MM47MPG-10 APITECH-MM47MPG-10 Datasheet
635Kb / 1P
Double Balanced Mixer
MM47MPN-1 APITECH-MM47MPN-1 Datasheet
676Kb / 1P
Triple Balanced Mixer
MM47MPN-10 APITECH-MM47MPN-10 Datasheet
622Kb / 1P
Double Balanced Mixer
More results

Description similaire - MM47MPL

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com