Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA18 Fiches technique(PDF) 3 Page - Bytes

No de pièce SA18
Description  500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BYTES [Bytes]
Site Internet  
Logo BYTES - Bytes

SA18 Fiches technique(HTML) 3 Page - Bytes

  SA18 Datasheet HTML 1Page - Bytes SA18 Datasheet HTML 2Page - Bytes SA18 Datasheet HTML 3Page - Bytes SA18 Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
500 Watt Axial Lead TVS
UNI
REVERSE
BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
DIRECTIONAL STAND-OFF
VOLTAGE
VOLTAGE
CURRENT CLAMPING
PULSE
LEAKAGE
PART
VOLTAGE
VBR (V)
VRB (V)
IT
VOLTAGE
CURRENT
@ VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
µ
SA5.0
5.00
6.40
7.30
10
9.6
53.1
600
SA18
18.00
20.00
24.40
1
32.2
15.8
3
SA10
10.00
11.10
13.60
1
18.8
27.1
3
SA36
36.00
40.00
48.90
1
64.3
7.9
3
SA7.5
7.50
8.33
10.20
1
14.3
35.7
50
SA26
26.00
28.90
35.30
1
46.6
10.9
3
SA14
14.00
15.60
19.10
1
25.8
19.8
3
SA6.5
6.50
7.22
8.82
10
12.3
41.5
400
SA22
22.00
24.40
29.80
1
39.4
12.9
3
SA12
12.00
13.30
16.30
1
22.0
23.2
3
SA8.5
8.50
9.44
11.50
1
15.9
32.1
10
SA30
30.00
33.30
40.70
1
53.5
9.5
3
SA16
16.00
17.80
21.80
1
28.8
17.7
3
SA6.0
6.00
6.67
8.15
10
11.4
44.7
600
SA20
20.00
22.20
27.10
1
35.8
14.2
3
SA11
11.00
12.20
14.90
1
20.1
25.4
3
SA40
40.00
44.40
54.30
1
71.4
7.1
3
SA8.0
8.00
8.89
10.90
1
15.0
34.0
25
SA28
28.00
31.10
38.00
1
50.1
10.2
3
SA15
15.00
16.70
20.40
1
26.9
19.0
3
SA7.0
7.00
7.78
9.51
10
13.3
38.3
150
SA24
24.00
26.70
32.60
1
43.0
11.9
3
SA13
13.00
14.40
17.60
1
23.8
21.4
3
SA9.0
9.00
10.00
12.20
1
16.9
30.2
5
SA33
33.00
36.70
44.90
1
59.0
8.6
3
SA17
17.00
18.90
23.10
1
30.5
16.7
3
SA5.0A
5.00
6.40
7.00
10
9.2
55.4
600
SA18A
18.00
20.00
22.10
1
29.2
17.5
3
SA10A
10.00
11.10
12.30
1
17.0
30.0
3
SA36A
36.00
40.00
44.20
1
58.1
8.8
3
SA7.5A
7.50
8.33
9.21
1
12.9
39.5
50
SA26A
26.00
28.90
31.90
1
42.1
12.1
3
SA14A
14.00
15.60
17.20
1
23.2
22.0
3
SA6.5A
6.50
7.22
7.98
10
11.2
45.5
400
SA22A
22.00
24.40
26.90
1
35.5
14.4
3
SA12A
12.00
13.30
14.70
1
19.9
25.6
3
SA8.5A
8.50
9.44
10.40
1
14.4
35.4
10
SA30A
30.00
33.30
36.80
1
48.4
10.5
3
SA16A
16.00
17.80
19.70
1
26.0
19.6
3
SA6.0A
6.00
6.67
7.37
10
10.3
49.5
600
SA20A
20.00
22.20
24.50
1
32.4
15.7
3
SA11A
11.00
12.20
13.50
1
18.2
28.0
3
SA40A
40.00
44.40
49.10
1
64.5
7.9
3
SA8.0A
8.00
8.89
9.83
1
13.6
37.5
25
SA28A
28.00
31.10
34.40
1
45.4
11.2
3
SA15A
15.00
16.70
18.50
1
24.4
20.9
3
SA7.0A
7.00
7.78
8.60
10
12.0
42.5
150
SA24A
24.00
26.70
29.50
1
38.9
13.1
3
SA13A
13.00
14.40
15.90
1
21.5
23.7
3
SA9.0A
9.00
10.00
11.10
1
15.4
33.1
5
SA33A
33.00
36.70
40.60
1
53.3
9.6
3
SA17A
17.00
18.90
20.90
1
27.6
18.5
3



Html Pages

1 2 3 4