| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS241 Fiches technique(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
74LS241 Fiches technique(HTML) 1 Page - Motorola, Inc |
|
1 / 6 page ![]() 5-387 FAST AND LS TTL DATA OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS The SN54 / 74LS240, 241 and 244 are Octal Buffers and Line Drivers designed to be employed as memory address drivers, clock drivers and bus-oriented transmitters/receivers which provide improved PC board density. • Hysteresis at Inputs to Improve Noise Margins • 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers • Input Clamp Diodes Limit High-Speed Termination Effects LOGIC AND CONNECTION DIAGRAMS DIP (TOP VIEW) 18 17 16 15 14 13 1 2 3 4 5 6 7 20 19 8 VCC 1G 2G 1Y1 2A4 1Y2 1Y3 2A3 2A2 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 9 10 2Y1 GND 12 11 1Y4 2A1 18 17 16 15 14 13 1 2 3 4 5 6 7 20 19 8 VCC 1G 2G 1Y1 2A4 1Y2 1Y3 2A3 2A2 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 9 10 2Y1 GND 12 11 1Y4 2A1 18 17 16 15 14 13 1 2 3 4 5 6 7 20 19 8 VCC 1G 2G 1Y1 2A4 1Y2 1Y3 2A3 2A2 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 9 10 2Y1 GND 12 11 1Y4 2A1 SN54 / 74LS240 SN54 / 74LS241 SN54 / 74LS244 SN54/74LS240 SN54/74LS241 SN54/74LS244 OCTAL BUFFER / LINE DRIVER WITH 3-STATE OUTPUTS LOW POWER SCHOTTKY ORDERING INFORMATION SN54LSXXXJ Ceramic SN74LSXXXN Plastic SN74LSXXXDW SOIC 20 1 J SUFFIX CERAMIC CASE 732-03 20 1 N SUFFIX PLASTIC CASE 738-03 20 1 DW SUFFIX SOIC CASE 751D-03 |
Numéro de pièce similaire - 74LS241 |
|
Description similaire - 74LS241 |