Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR1248TN Fiches technique(PDF) 8 Page - Lineage Power Corporation

No de pièce CAR1248TN
Description  Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248TN Fiches technique(HTML) 8 Page - Lineage Power Corporation

  CAR1248TN_14 Datasheet HTML 1Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 2Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 3Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 4Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 5Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 6Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 7Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
GE
CAR1248TN series rectifier
Input: 90Vac to 264Vac; Output: -54Vdc @ 1200W
Contact Us
For more information, call us at
USA/Canada:
+1 888 546 3243, or +1 972 244 9288
Asia-Pacific:
+86.021.54279977*808
Europe, Middle-East and Africa:
+49.89.878067-280
India:
+91.80.28411633
www.ge.com/powerelectronics
November 20, 2012
©2012 General Electric Company. All rights reserved.
Page 8
Connector
FCI Berg P/N: 51939-070
Mating connector: FCI Berg P/N: 51915-050
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A1
n/c
B1
Fault
C1
ISHARE
D1
VProg
A2
n/c
B2
I Monitor (IMON)
C2
N/C
D2
OVP Test Point
A3
Signal Return
B3
Enable: “0” –ON “1” -OFF
C3
Over Temp Warning
D3
Remote ON/OFF
A4
Write Protect (WP)
B4
PS Present
C4
I2C Address (A0)
D4
DC OK
A5
Remote Sense (+)
B5
SDA (I2C bus)
C5
I2C Address (A1)
D5
AC OK
A6
Remote Sense (-)
B6
SCL (I2C bus)
C6
I2C Address (A2)
D6
Interrupt
P1
Line
P2
Neutral
P3
Chassis
P4
+Vout
P5
Output Return
Ordering Information
Please contact your GE Energy Sales Representative for pricing, availability and optional features.
PRODUCT
DESCRIPTION
PART NUMBER
1200W Front-End
-54Vout Front-End
CAR1248TNXXXZ01A
1200W Front-End
-54Vout Front-End, w/bezel
CAR1248TNBXXZ01A
1200W Front-End
-54Vout Front-End, w/bezel, i2c communications
CAR1248TNBCXZ01A



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com