Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LS190 Fiches technique(PDF) 8 Page - Motorola, Inc

No de pièce 74LS190
Description  PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS190 Fiches technique(HTML) 8 Page - Motorola, Inc

Back Button 74LS190 Datasheet HTML 2Page - Motorola, Inc 74LS190 Datasheet HTML 3Page - Motorola, Inc 74LS190 Datasheet HTML 4Page - Motorola, Inc 74LS190 Datasheet HTML 5Page - Motorola, Inc 74LS190 Datasheet HTML 6Page - Motorola, Inc 74LS190 Datasheet HTML 7Page - Motorola, Inc 74LS190 Datasheet HTML 8Page - Motorola, Inc 74LS190 Datasheet HTML 9Page - Motorola, Inc 74LS190 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
5-348
FAST AND LS TTL DATA
SN54/74LS190
• SN54/74LS191
AC WAVEFORMS
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
Figure 8
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPHL
tPHL
tPHL
tPHL
tPLH
tPLH
tPLH
tPLH
tPLH
1/f MAX
tW
CP
Q OR TC
Pn
Qn
CP
Q
TC
PL
RC
U/D
Pn
PL
Qn
Pn
PL
Qn
ts(H)
ts(L)
th(H)
th(L)
th(L)
th(H)
ts(H)
ts(L)
CP
CE
RC
CP OR CE
NOTE: PL = LOW
* The shaded areas indicate when the input is permitted
* to change for predictable output performance
tPLH
tPHL
CHANGE
CE MAY
CE MAY
CHANGE
(HL)
only
tW
tW
trec
Q = P
Q = P



Html Pages

1 2 3 4 5 6 7 8 9 10