| Moteur de recherche de fiches techniques de composants électroniques |
|
C840 Fiches technique(PDF) 14 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
C840 Fiches technique(HTML) 14 Page - EPCOS |
|
14 / 16 page ![]() Symbols and terms A Area C Capacitance Cth Heat capacity f Frequency I Current Imax Maximum current IR Rated current Ires Residual current IPTC PTC current Ir Residual currrent Ir,oil Residual currrent in oil (for level sensors) Ir,air Residual currrent in air (for level sensors) IRMS Root-mean-square value of current IS Switching current ISmax Maximum switching current LCT Lower category temperature N Number (integer) Nc Operating cycles at Vmax, charging of capacitor Nf Switching cycles at Vmax, failure mode P Power P25 Maximum power at 25 °C Pel Electrical power Pdiss Dissipation power RG Generator internal resistance Rmin Minimum resistance RR Rated resistance ∆RR Tolerance of RR RP Parallel resistance RPTC PTC resistance Rref Reference resistance RS Series resistance R25 Resistance at 25 °C R25,match Resistance matching per reel/ packing unit at 25 °C ∆R25 Tolerance of R25 T Temperature t Time TA Ambient temperature ta Thermal threshold time Overcurrent protection Leaded disks, coated, 230 V C810 ... C890 Page 14 of 16 Please read Cautions and warnings and Important notes at the end of this document. |