Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1018SS Fiches technique(PDF) 21 Page - LDT Co., Ltd

No de pièce LD1018SS
Description  16 Channel Constant Current LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LDT [LDT Co., Ltd]
Site Internet  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1018SS Fiches technique(HTML) 21 Page - LDT Co., Ltd

Back Button LD1018SS Datasheet HTML 16Page - LDT Co., Ltd LD1018SS Datasheet HTML 17Page - LDT Co., Ltd LD1018SS Datasheet HTML 18Page - LDT Co., Ltd LD1018SS Datasheet HTML 19Page - LDT Co., Ltd LD1018SS Datasheet HTML 20Page - LDT Co., Ltd LD1018SS Datasheet HTML 21Page - LDT Co., Ltd LD1018SS Datasheet HTML 22Page - LDT Co., Ltd LD1018SS Datasheet HTML 23Page - LDT Co., Ltd LD1018SS Datasheet HTML 24Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Ver2.0
21
LD1018
16 Channel Constant Current Driver
R
VLED = 5V
RL
RL
VDD
VDD
RL
RL
PNP
PNP
Q15
PNP
PNP
Q0
S0
S15
D0000
D0015
D0150
D01515
RL
RL
D1000
D1015
VDD
R
RL
RL
D11515
D1150
DATA
CLK
STB
ESB
Controller
DIN
CLOCK
STROBE
OEB
VDD
DOUT
R-EXT
GND
OUT0
OUT15
LD1018
DIN
CLOCK
STROBE
OEB
VDD
DOUT
R-EXT
GND
OUT0
OUT15
LD1018
APPLICATION CIRCUIT – CASE3
Data & Control Signal Connection for 32x16 Dynamic Type Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24