| Moteur de recherche de fiches techniques de composants électroniques |
|
LD1018SP Fiches technique(PDF) 21 Page - LDT Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LD1018SP Fiches technique(HTML) 21 Page - LDT Co., Ltd |
|
21 / 24 page ![]() Ver2.0 21 LD1018 16 Channel Constant Current Driver R VLED = 5V RL RL VDD VDD RL RL PNP PNP Q15 PNP PNP Q0 S0 S15 D0000 D0015 D0150 D01515 RL RL D1000 D1015 VDD R RL RL D11515 D1150 DATA CLK STB ESB Controller DIN CLOCK STROBE OEB VDD DOUT R-EXT GND OUT0 OUT15 LD1018 DIN CLOCK STROBE OEB VDD DOUT R-EXT GND OUT0 OUT15 LD1018 APPLICATION CIRCUIT – CASE3 Data & Control Signal Connection for 32x16 Dynamic Type Application |