Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC1237 Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce UPC1237
Description  PROTECTOR IC FOR STEREO POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPC1237 Fiches technique(HTML) 2 Page - Unisonic Technologies

  UPC1237 Datasheet HTML 1Page - Unisonic Technologies UPC1237 Datasheet HTML 2Page - Unisonic Technologies UPC1237 Datasheet HTML 3Page - Unisonic Technologies UPC1237 Datasheet HTML 4Page - Unisonic Technologies UPC1237 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UPC1237
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R107-065.a
PIN CONFIGURATION
12 3 4 5 6 7
8
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
PIN1
Input pin of overload detector
2
PIN2
Input pin of output offset detector
3
PIN3
Input pin of switch for latch/automatic-reset
4
PIN4
Input pin of AC-OFF detector
5
PIN5
GND
6
PIN6
Output pin of relay driver
7
PIN7
Input pin of VCC ON mute, setting delay time
8
PIN8
VCC
BLOCK DIAGRAM



Html Pages

1 2 3 4 5