| Moteur de recherche de fiches techniques de composants électroniques |
|
UB3846 Fiches technique(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB3846 Fiches technique(HTML) 7 Page - Unisonic Technologies |
|
7 / 10 page ![]() UB3846 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 7 of 10 www.unisonic.com.tw QW-R103-053.C OPERATION DESCRIPTION(Cont.) Protection Controls The IC takes on more protection functions such as OVP and OTP etc. In case of those failure modes for continual blanking time, the driver is shut down. Driver is reset after failure is eliminated. OVP The OVP will shut down the switching of the power MOSFET whenever VDD>VOVP. The OVP case as followed FIG.3. The test circuit as followed FIG.4. FIG.3 OVP case FIG.4 OVP test circuit OTP OTP will shut down driver when junction temperature TJ>T (THR) for continual a blanking time. PCB Layout Note Noise from the current sense or the control signal can cause significant pulse width jitter in continuous-conduction mode. While slope compensation helps alleviate these problems. Good placement and layout practices should be followed. Avoiding long PCB traces and component leads, locating compensation and filter components near the UTC UB3846, and increasing the power MOS gate resistance is advised. |